Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE Field – the valve island – optimised for process automation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8653
3 | 14
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 6.
Material
Body
PPA
Seal
NBR and PUR
Maximum installation width of a valve
island
48.6 mm. Further information can be found in chapter “5. Dimensions” on page 6.
Width per station
11 mm
Manual override
Latching, spring return (optional: lockable)
Number of valve positions
Max. 4
Maximum number of valve functions
Max. 8
Switching function/Operating principle
Further information can be found in chapter “2. Circuit functions” on page 4.
Pneumatic intermediate supply
N/A
Performance data
Pressure data
Overpressure to atmospheric pressure
Pressure range
Vac.…8 bar
External supply air (auxiliary pilot air)
3…8 bar
Flow rate Q
Nn value air
310 l/min 1.) measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar differential pressure
Flow rate Q
Nn value air with integrated
P shut-off
N/A
Nominal operating mode
Continuous operation (100 % duty cycle)
Switching time
Measured according to ISO 12238
Electrical data
Operating voltage
24 V DC
Voltage tolerance
± 10 %
Residual ripple (at DC)
1 Vss
Nominal power of each valve
0.7 W (0.1 W after power reduction)
Nominal current of each valve
29 mA (10 mA after power reduction)
Position feedback
Possible via 8-DI module Type ME44 or 16-DI module Type ME6
Protection class
III according to DIN EN 61140, VDE 0140
Total current
With fieldbus connection
Current consumption < 400 mA
Medium data
Operating medium
Oil-free or lubricated compressed dry air, neutral gases (5 μm filter recommended)
Compressed air quality
ISO 8573 - 1:2010, Class 7.4.4
Approvals and conformities
Degree of protection
IP65, IP67
North America (USA/Canada)
Further information can be found in chapter “3.4. North America (USA/Canada)” on page 5.
Process/Port connection & communication
Working port
D 6, D ¼
Air supply connection
D 8, D 5/16
Communication module
ME43 or ME63 (Gateway)
Communication interface
PROFIBUS DP
Industrial Ethernet (PROFINET IO, EtherNet/IP, Modbus TCP, EtherCAT,
CC-Link IE Field Basic)
CANopen
büS (for networking with Bürkert devices)
Environment and installation
Installation position
Any
Storage temperature
- 10…+ 60 °C
Ambient temperature
- 10…+ 55 °C
Accessories
Bürkert Software 2.)
Software Bürkert Communicator
Further information can be found in chapter “8.1. Bürkert Communicator Software” on page
8.
1.) The maximum flow rate depends on the valve function.
2.) For commissioning, the Bürkert Communicator software Type 8920  as well as the associated USB büS interface set 1 with Article no. 772426  are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com