Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6013 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 6013
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6013 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 6013 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Type 8741
21 | 24
Visit product website 
6.2. Nominal flow range of typical gases
Note:
• All values refer to 1013.25 mbar abs and 273.15 K (0 °C) (Index N)
• Other gases and gas mixtures are possible on request.
Gas
Min. Q
N
Max. Q
N
[l/min]
[l/min]
Acetylene
0.01
65
Helium
0.01
1000
Carbon dioxide
0.02
80
Air
0.01
160
Methane
0.01
160
Oxygen
0.01
160
Nitrogen
0.01
160
Hydrogen
0.01
1000
Propane
0.03
44
7.
Product operation
7.1. Measuring principle
Measurement takes place via bypass. A laminar flow element (LFE) in the main channel creates a low pressure drop. A part of the gas flow
is thereby directed into a side channel. A sensor measures the mass flow as temperature difference. The measurement is performed in a
specially shaped flow channel whose wall contains a Si chip with an etched membrane. A heating resistor and 2 temperature sensors, one
upstream and one downstream, are placed on this membrane.
If the heating resistor is fed with a constant voltage, the differential voltage of the temperature sensors indicate the gas flow over the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com