Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDF15PBY04R40X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDF15PBY04R40X
Description  D-SUB HD C-FILTER MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDF15PBY04R40X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDF15PBY04R40X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDF15PBY04R40X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1364
A3
1/2
D-SUB HD C-FILTER MALE 90°
SEE NOTES
M.Heinrich
26.08.13
27.08.13
Fischer
15pos. SOLDER PIN ANGLED
threaded insert, metal bracket, snap, fixing plate
18K1A454
2:1 (5:1)
6HDF15P Y04R40X
a
Original
3 x b
Ä4897
26.08.2013 K.H.
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 100°C FOR 30 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: HIGH TEMPERATURE PLASTIC UL 94 V-0; BLACK
4. SIGNAL CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
5. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/
120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3.1±0.1; PCB THICKNESS 1.6mm
8. COLLARS: COPPER ALLOY; NICKEL PLATED
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. FRAME: ZINC DIE CAST; NICKEL PLATED
11. FIXING PLATE: PBT GF UL 94 V-0; BLACK
12. O-RING: SILICON; BLUE
13. RUBBER GASKET: TPE
14. SEALING COMPOUND: PUR; BLUE
15. CAPACITANCE: 830pF±20%
16. DIELECTRIC WITHSTANDING VOLTAGE: 300 VDC
17. P.C.B. HOLE DRILLINGS AND
RECOMMENDED PANEL CUT-OUT ON SHEET 2
18. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.40Ncm (3.5 in.LB)
19. CONNECTOR IS PART MARKED: 6HDF15PoY04R40X CONEC ABC (see note 4)
FILTER IS TOTALLY GUARDED AGAINST HUMIDITY.
WATER COULD PENETRATE INTO THE MATING AREA.
AT ALL TIMES WATER RESISTANT CONNECTORS NOT
IN USE SHOULD BE COVERED
WITH A CONEC WATER RESISTANT
CAP OR WATER TIGHT HOOD.
3,25 -0
0,5
+
6,35 `0,3
8,26 -0,03
0,22
+
16,84 -0,05
0,2
+
10°
25 - 0,13
0,12
+
39,4 -0
0,3
+
SEALING
COMPOUND
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
POS.1
POS.11
POS.6
FIXING PLATE
PRESS FOR FIXING ON PCB
6HDF15PoY04R40X
CONEC ABC
SEE NOTE 10
SEE NOTE 19
4-40 UNC
PCB SNAP
Directive 2002/95/EC RoHS compliant
4,8
SW
( 5 : 1 )
4-40 UNC
METAL BRACKET
3,2 `0,2
b
b
b
o
(see note 4)


Similar Part No. - 6HDF15PBY04R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDF44PAY04R20X CONEC-6HDF44PAY04R20X Datasheet
340Kb / 2P
D-SUB HD FILTER MALE 90° 44pos. SOLDER PIN ANGLED thread insert,metal bracket,fixing-plate and hexl. screw
14.01.16
6HDF44PAY04R40X CONEC-6HDF44PAY04R40X Datasheet
353Kb / 2P
D-SUB HD C-FILTER MALE 90° 44pos. SOLDER PIN ANGLED threaded insert,metal bracket,fixing-plate,hex bolt
27.08.13
6HDF44PBY04R20X CONEC-6HDF44PBY04R20X Datasheet
340Kb / 2P
D-SUB HD FILTER MALE 90° 44pos. SOLDER PIN ANGLED thread insert,metal bracket,fixing-plate and hexl. screw
14.01.16
6HDF44PBY04R40X CONEC-6HDF44PBY04R40X Datasheet
353Kb / 2P
D-SUB HD C-FILTER MALE 90° 44pos. SOLDER PIN ANGLED threaded insert,metal bracket,fixing-plate,hex bolt
27.08.13
6HDF44PCY04R20X CONEC-6HDF44PCY04R20X Datasheet
340Kb / 2P
D-SUB HD FILTER MALE 90° 44pos. SOLDER PIN ANGLED thread insert,metal bracket,fixing-plate and hexl. screw
14.01.16
More results

Similar Description - 6HDF15PBY04R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A17769X CONEC-163A17769X Datasheet
347Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, PCB snap
19.09.2019
163A17809X CONEC-163A17809X Datasheet
311Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
04.12.2017
164A18219X CONEC-164A18219X Datasheet
281Kb / 1P
D-SUB HD Female 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
24.01.06
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
24-005973 CONEC-24-005973 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-005983 CONEC-24-005983 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-005993 CONEC-24-005993 Datasheet
961Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate
20.09.2022
24-001443 CONEC-24-001443 Datasheet
278Kb / 2P
D-SUB C-Filter Male 15pos. Solder pin angled 0.318inch with metal bracket, threaded insert, fixing-plate, PCB snap
14.09.2021
24-005383 CONEC-24-005383 Datasheet
805Kb / 1P
D-SUB HD C-Filter Male 15pos. solder pin angled 0.350 inch with metal bracket, threaded insert, fixing-plate, PCB snap
01.09.2022
15-000893 CONEC-15-000893 Datasheet
258Kb / 2P
D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED metal bracket, fixing plate, hexlocking screw, snap
23.10.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com