Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDF62PBY04R40X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDF62PBY04R40X
Description  D-SUB HD C-FILTER MALE 90° 62pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate, hexl. screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDF62PBY04R40X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDF62PBY04R40X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDF62PBY04R40X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6HDF62PoY04R40X CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1366
A3
1/2
D-SUB HD C-FILTER MALE 90°
SEE NOTES
Henneboel
23.08.13
27.08.13
Fischer
62pos. SOLDER PIN ANGLED
threaded insert, metal bracket, snap, fixing plate, hexl. screw
18K1A454
2:1 (5:1)
6HDF62P Y04R40X
a
Original
3 x b
Ä4897
23.08.2013 K.H.
b
FILTER IS TOTALLY GUARDED AGAINST HUMIDITY.
WATER COULD PENETRATE INTO THE MATING AREA.
AT ALL TIMES WATER RESISTANT CONNECTORS NOT
IN USE SHOULD BE COVERED
WITH A CONEC WATER RESISTANT
CAP OR WATER TIGHT HOOD.
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 100°C FOR 30 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: HIGH TEMPERATURE PLASTIC UL 94 V-0; BLACK
4. SIGNAL CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
5. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/
120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3.1±0.1; PCB THICKNESS 1.6mm
8. COLLARS: COPPER ALLOY; NICKEL PLATED
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. FRAME: ZINC DIE CAST; NICKEL PLATED
11. FIXING PLATE: PBT GF UL 94 V-0; BLACK
12. O-RING: SILICON; BLUE
13. RUBBER GASKET: TPE
14. SEALING COMPOUND: PUR; BLUE
15. CAPACITANCE: 830pF±20%
16. DIELECTRIC WITHSTANDING VOLTAGE: 300 VDC
17. P.C.B. HOLE DRILLINGS AND
RECOMMENDED PANEL CUT-OUT ON SHEET 2
18. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.40Ncm (3.5 in.LB)
19. CONNECTOR IS PART MARKED: 6HDF62PoY04R40X CONEC ABC (see note 4)
55,3 -0
0,25
+
POS. 43
POS. 22
POS. 1
4-40 UNC
O-RING
METAL BRACKET
FIXING PLATE
4-40 UNC
SEE NOTE 19
SEE NOTE 10
8,26 -0,03
0,22
+
3,3 -0,3
0,5
+
6,35 `0,3
SEALING
COMPOUND
( 5 : 1 )
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
63,5 `0,13
PRESS FOR FIXING ON PCB
4,8
SW
Directive 2002/95/EC RoHS compliant
o
(see note 4)
PCB-SNAP
3,2 `0,2
78 - 0
0,3
+
10°
b
b


Similar Part No. - 6HDF62PBY04R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDF15PAY04R40X CONEC-6HDF15PAY04R40X Datasheet
227Kb / 2P
D-SUB HD C-FILTER MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate
27.08.13
6HDF15PBY04R40X CONEC-6HDF15PBY04R40X Datasheet
227Kb / 2P
D-SUB HD C-FILTER MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate
27.08.13
6HDF15PCY04R40X CONEC-6HDF15PCY04R40X Datasheet
227Kb / 2P
D-SUB HD C-FILTER MALE 90° 15pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap, fixing plate
27.08.13
6HDF44PAY04R20X CONEC-6HDF44PAY04R20X Datasheet
340Kb / 2P
D-SUB HD FILTER MALE 90° 44pos. SOLDER PIN ANGLED thread insert,metal bracket,fixing-plate and hexl. screw
14.01.16
6HDF44PAY04R40X CONEC-6HDF44PAY04R40X Datasheet
353Kb / 2P
D-SUB HD C-FILTER MALE 90° 44pos. SOLDER PIN ANGLED threaded insert,metal bracket,fixing-plate,hex bolt
27.08.13
More results

Similar Description - 6HDF62PBY04R40X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A17809X CONEC-163A17809X Datasheet
311Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
04.12.2017
164A18249X CONEC-164A18249X Datasheet
528Kb / 2P
D-SUB HD Female 90° 62pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
11.07.17
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H15W4SAT73G80X CONEC-3H15W4SAT73G80X Datasheet
694Kb / 2P
D-SUB HD COMB. FEMALE 90° 15W4S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
17.07.13
15-000893 CONEC-15-000893 Datasheet
258Kb / 2P
D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED metal bracket, fixing plate, hexlocking screw, snap
23.10.08
15-000903 CONEC-15-000903 Datasheet
267Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
15.09.08
15-000923 CONEC-15-000923 Datasheet
282Kb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
23.10.08
15-000963 CONEC-15-000963 Datasheet
299Kb / 2P
D-SUB HD FEMALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate,hexlocking screw,snap
23.10.08
15-002223 CONEC-15-002223 Datasheet
283Kb / 2P
D-SUB HD MALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
27.11.09
15-002273 CONEC-15-002273 Datasheet
310Kb / 2P
D-SUB HD FEMALE 90° 62pos. SOLDER PIN ANGLED metal bracket, fixing-plate,hexlocking screw,snap
27.11.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com