Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8136 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8136
Description  Radar level meter for aggressive media
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8136 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8136 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8136 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 8136
13 | 14
Visit product website 
10.3. Ordering chart
Note:
All following versions are supplied without display/configuration module.
Operating voltage
Output
Antenna version
Process
connection
Electrical connection
Article no.
Standard version
9.6…35 V DC
4…20 mA/HART
(2 wires)
Encapsulated horn
antenna, 40 mm
G 1½"
Cable gland M20 x 1.5
560146 
NPT 1½"
560148 
Plastic horn antenna,
80 mm
Mounting
bracket
560150 
Ex version – ATEX approval
9.6…30 V DC
4…20 mA/HART
(2 wires)
Encapsulated horn
antenna, 40 mm
G 1½"
Cable gland M20 x 1.5
560147 
NPT 1½"
560149 
Plastic horn antenna,
80 mm
Mounting
bracket
560151 
Further versions on request
Process connection
• Clamp 2", 3"
• Slotted nut DN 50, DN 80 PN 3, DIN 11851 / 316L,
• Compression flange suitable for flanges DN 80 PN 16, ANSI 3", JIS DN 80 10K / PP-GF30
• Adapter flange:
– DN 150 PN 16 FKM / PP-GF30
– ANSI 4" 150PSI FKM / PP-GF30
– ANSI 6" 150PSI FKM / PP-GF30
– JIS DN 100 10K FKM / PP-GF30
– JIS DN 150 10K FKM / PP-GF30
10.4. Ordering chart accessories
Description
Article no.
Set with 2 reductions M20 x 1.5/NPT½" + 2 neoprene flat seals for cable gland + 2 screw-plugs M20 x 1.5
551782 
Hart-USB Modem
560177 
Set with a display/configuration module, a transparent cover and a seal ring
559279 
Set with a transparent cover and a seal ring
561006 
Mounting bracket 300 mm
559839 
Adapter flange DN 100 PN 16 FKM / PP-GF30
560437 
Adapter flange ASME (ANSI B16.5) 4" 150PSI FKM / PP-GF30
560436 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com