Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8635 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8635
Description  Radar level meter for aggressive media
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8635 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8635 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8635 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Type 8136
12 | 14
Visit product website 
Accessory
Description
ø 180
ø 220
ø
18 (8 x 45°)
ø 98
ø 115
ø 126
O-ring seal
ø 143
ø 107
Adapter flange DN 100 PN 16 FKM / PP-GF30
ø 98
ø 190.5
ø 228.6
ø
19.1 (8 x 45°)
ø 143
ø 107
ø 115
ø 126
O-ring seal
Adapter flange ASME (ANSI B16.5) 4" 150PSI FKM / PP-GF30
10. Ordering information
10.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
10.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com