Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8201 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8201
Description  pH measuring system for hygienic applica-tions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8201 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8201 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8201 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Type 8201
13 | 15
Visit product website 
9.
Ordering information
9.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
9.2. Recommendation regarding product selection
Note:
The cable between probe and transmitter must categorically be selected as short as possible (particularly at low process tempera-
tures) in order to guarantee measurement signal dynamics that are as high as possible. A cable length of 10 m should only be used in
exceptional cases.
A complete Type 8201 pH measuring system contains the following components:
• pH probe enamel
• Suitable adaptation set for fitting/armature
• Fitting/armature
• Electrolyte vessel (electrolyte hose included)
• Supply bottle with 1 litre electrolyte KCI
• Connection cable for transmitter
• Transmitter / Controller Type 8619 (see data sheet Type 8619  for more information)
• Pressure controller (see data sheet Type TPM001  for more information) or another one available on the market.
Seven different components must be ordered in order to select a complete device. The following information is required:
• Article no. of the pH probe enamel (see chapter “9.4. Ordering chart” on page 14)
• Article no. of the suitable adaptation set for fitting/armature (see chapter “9.4. Ordering chart” on page 14)
• Article no. of the fitting Type 8201(see chapter “9.4. Ordering chart” on page 14) or armature Type 8200 (see data sheet
Type 8200  for more information)
• Article no. of the electrolyte vessel (see chapter “9.4. Ordering chart” on page 14)
• Article no. of the supply bottle with 1 litre electrolyte KCI (see chapter “9.4. Ordering chart” on page 14)
• Article no. of the connection cable for transmitter (see chapter “9.4. Ordering chart” on page 14)
• Article no. of the Transmitter/Controller Type 8619 (see data sheet Type 8619  for more information)
• Article no. of a pressure controller Type TPM001 (see data sheet Type TPM001  for more information)
9.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com