Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6027 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 6027
Description  Mass Flow Meter for Gases (MFM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6027 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 6027 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 8701
7 | 12
Visit product website 
4.
Device/Process connections
4.1. Analogue version/Fieldbus version
Note:
• Optional Pin 7 and 8 with bus version as transmitter input possible.
• The cable length for RS232/actual value signal is limited to 30 meters.
Analogue version
Plug D-Sub, 15 pin
Pin Assignment
Analogue control unit Bus actuation
1
10
9
8
7
6
5
4
3
2
15
14
13
12
11
1
Relay – normally closed
2
Relay – normally open
3
Relay – middle contact
4
GND for 24 V-supply and binary inputs
5
24 V-supply +
6
Only for internal company use
7
Not connected
Not connected
8
Not connected
Not connected
9
Actual value output
GND
Not connected
10
Actual value output +
Not connected
11
DGND (for RS232)1.)
12
Binary input 1
13
Binary input 2
14
RS232 RxD (without driver)1.)
15
RS232 TxD (without driver)1.)
1.) Driving RS232 interface only by RS232 adapter including an adaption of TTL levels
Fieldbus version
PROFIBUS DP – socket B-coded
M12 (DPV1 max. 12 MBaud)
Pin Assignment
1
5
4
3
2
1
VDD (only for termination resistor)
2
RxD/TxD – N (A-Line)
3
DGND
4
RxD/TxD – P (B-Line)
5
Not connected
CANopen – Plug M12
Pin Assignment
1
5
4
3
2
1
Shield
2
Not connected
3
DGND
4
CAN_H
5
CAN_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com