Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6027 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 6027
Description  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6027 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 6027 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 6027 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Type 8745
21 | 26
Visit product website 
5.3. Modbus RTU
D-Sub, 9-pin, plug
Pin
Assignment
1
2
3
4
5
6
7
8
9
1
Not connected
2
GND
3
24 V
4
Not connected
5
Not connected
6
RS485-Y
7
RS485-Z
8
RS485-B
9
RS485-A
Housing Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com