Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S030 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Type S030
21 | 22
Visit product website 
Stainless steel sensor-fitting (S030-HT variant)
Note:
Only mount with transmitter Type SE30 in variant High Temperature (Type SE30-HT). This combination gives the High Temperature
flowmeter variant (Type 8030-HT), see Data sheet Type 8030 .
Standard
Article no.
DN 06 1.)
-¼"
DN 08 1.)
-½"
DN 15
DN 20
DN 25
DN 32
DN 40
DN 50
With stainless steel paddle wheel - Fluid temperature max. 125 °C, PN 25 (max. 90 °C, PN 40)
FKM seal
Internal thread connection
G
–
–
449726 
449727 
449728 
449729 
449730 
449731 
NPT
–
–
449733 
449734 
449735 
449736 
449737 
449738 
Rc
–
–
449740 
449741 
449742 
449743 
449744 
449745 
External thread connection
G
552735 
449725 
–
–
–
–
–
–
NPT
–
449732 
–
–
–
–
–
–
Rc
–
449739 
–
–
–
–
–
–
Weld end connection
EN ISO 1127/ISO 4200/
DIN 11866 series B
–
–
551757 
551758 
551759 
551760 
551761 
551762 
1.) External thread
Further variants on request
Material
EPDM seal
Process connection
Clamp or flange
11.5. Ordering chart accessories
Note:
Since March 2012, the Type S030 sensor-fittings in DN 15 and DN 20 exist in 2 variants, with different K factors. The 2nd variant is
identified by the “v2” marking.
See chapter “9. Product accessories” on page 16.
Description
Article no.
Sensor armature set
Sensor armature made of stainless steel with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 06,
DN 08, DN 15 v2 and DN 20 v2
448678 
Sensor armature made of stainless steel with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 15
(except DN 15 v2 and DN 20 v2)...DN 65
432306 
Sensor armature made of stainless steel with paddle wheel (PVDF), seal (EPDM), screws and test certificate for DN 15
(except DN 15 v2 and DN 20 v2)...DN 65
432305 
Sensor armature made of stainless steel with paddle wheel (PVDF), seal (EPDM), screws and test certificate,
Ra int. < 0.8 µm for DN 15 (except DN 15 v2 and DN 20 v2)...DN 65
434149 
Sensor armature made of stainless steel with paddle wheel (PP), seal (EPDM), screws and test certificate for DN 06,
DN 08, DN 15 v2 and DN 20 v2
554896 
Sensor armature made of stainless steel with paddle wheel (PP), seal (EPDM), screws and test certificate for DN 15
(except DN 15 v2 and DN 20 v2)...DN 65
449425 
Sensor armature made of brass with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 06, DN 08,
DN 15 v2 and DN 20 v2
448677 
Sensor armature made of brass with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432304 
Sensor armature made of brass with paddle wheel (PVDF), seal (EPDM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432303 
Sensor armature made of brass with paddle wheel (PP), seal (EPDM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
449866 
Sensor armature made of PVC with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 06, DN 08,
DN 15 v2 and DN 20 v2
448674 
Sensor armature made of PVC with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432298 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com