Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244APW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC244APW
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244APW Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC244APW Datasheet HTML 1Page - NXP Semiconductors 74LVC244APW Datasheet HTML 2Page - NXP Semiconductors 74LVC244APW Datasheet HTML 3Page - NXP Semiconductors 74LVC244APW Datasheet HTML 4Page - NXP Semiconductors 74LVC244APW Datasheet HTML 5Page - NXP Semiconductors 74LVC244APW Datasheet HTML 6Page - NXP Semiconductors 74LVC244APW Datasheet HTML 7Page - NXP Semiconductors 74LVC244APW Datasheet HTML 8Page - NXP Semiconductors 74LVC244APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2003 Oct 30
4
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
PINNING
PIN
SYMBOL
DESCRIPTION
11OE
output enable input (active
LOW)
2
1A0
data input
3
2Y0
bus output
4
1A1
data input
5
2Y1
bus output
6
1A2
data input
7
2Y2
bus output
8
1A3
data input
9
2Y3
bus output
10
GND
ground (0 V)
11
2A3
bus input
12
1Y3
bus output
13
2A2
bus input
14
1Y2
bus output
15
2A1
bus input
16
1Y1
bus output
17
2A0
bus input
18
1Y0
bus output
19
2OE
output enable input
(active LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION
handbook, halfpage
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
GND
VCC
2OE
1Y0
2A0
2A1
1Y2
1Y1
2A2
1Y3
2A3
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
MNA872
Fig.1 Pin configuration SO and (T)SSOP.
handbook, halfpage
1
2
3
4
5
6
7
8
9
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
19
18
17
16
15
14
13
12
2OE
1Y0
2A0
1Y1
2A1
1Y2
2A2
1Y3
20
1OE
VCC
10
11
GND
Top view
2A3
GND(1)
MBL761
Fig.2 Pin configuration DHVQFN20.
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com