Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558AFJ Datasheet(PDF) 2 Page - Belden Inc.

Part # 558AFJ
Description  Access Control, 16c (#22-3pr, #18-4c, #22-6c), Shielded, Outer Jacket, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

558AFJ Datasheet(HTML) 2 Page - Belden Inc.

  558AFJ Datasheet HTML 1Page - Belden Inc. 558AFJ Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Element
Description
Element
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance
Cond-to-Shield
Max. Current
Card Reader
Pair(s)
16.9 Ohm/1000ft
13.9 Ohm/1000ft (45.6
Ohm/km)
24 pF/ft (79 pF/m)
43.25 pF/ft (141.9 pF/m)
4.2 Amps per Conductor @
25°C
Door Contact
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
16.1 Ohm/1000ft (52.8
Ohm/km)
34.5 pF/ft (113 pF/m)
62 pF/ft (200 pF/m)
6 Amps per Conductor at 25ºC
REX/Spare
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
7.2 Ohm/1000ft (24 Ohm/km)
22.5 pF/ft (73.8 pF/m)
40.5 pF/ft (133 pF/m)
10.5 Amps per Conductor at
25ºC
Lock Power
Conductor(s) 6.5 Ohm/1000ft (21 Ohm/km)
7.2 Ohm/1000ft (24 Ohm/km)
27 pF/ft (89 pF/m)
48.5 pF/ft (159 pF/m)
11.2 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C
Bend Radius
Stationary Min. Installation Min.
4.9 in (120 mm)
4.9 in (120 mm)
Max. Pull Tension:
220 lbs (100 kg)
Bulk Cable Weight:
113 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Sustainability:
Product Lens™, Environmental Product Declaration (EPD) Available
Flammability / Reaction to Fire:
UL 1666 Riser, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMR
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
658AFJ
History
Update and Revision:
Revision Number: 0.490 Revision Date: 12-22-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
Footnote
558AFJ 004A400 Yellow Reel-in-Box
400 ft
612825428732
558AFJ 0041000 Yellow Reel
1,000 ft 612825164470 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com