Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558AFS Datasheet(PDF) 2 Page - Belden Inc.

Part # 558AFS
Description  Access Control, 16c (#22-3pr, #18-4c, #22-6c), Shielded, Banana Peel®, CMR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

558AFS Datasheet(HTML) 2 Page - Belden Inc.

  558AFS Datasheet HTML 1Page - Belden Inc. 558AFS Datasheet HTML 2Page - Belden Inc. 558AFS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Electricals
Element
Description
Element
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance
Cond-to-Shield
Max. Current
Card Reader
Pair(s)
16.3 Ohm/1000ft
13.9 Ohm/1000ft (45.6
Ohm/km)
25 pF/ft (82 pF/m)
45 pF/ft (150 pF/m)
4.2 Amps per Conductor @
25°C
Door Contact
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
16.1 Ohm/1000ft (52.8
Ohm/km)
34.5 pF/ft (113 pF/m)
62 pF/ft (200 pF/m)
6 Amps per Conductor at 25ºC
REX/Spare
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
16.1 Ohm/1000ft (52.8
Ohm/km)
22.5 pF/ft (73.8 pF/m)
40 pF/ft (130 pF/m)
10.5 Amps per Conductor at
25ºC
Lock Power
Conductor(s) 6.5 Ohm/1000ft (21 Ohm/km)
7.2 Ohm/1000ft (24 Ohm/km)
27 pF/ft (89 pF/m)
48.5 pF/ft (159 pF/m)
11.2 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
75°C
0°C to +75°C
Bend Radius
Stationary Min.
Installation Min.
4.48 in (114 mm) 4.48 in (114 mm)
Max. Pull Tension:
200 lbs (91 kg)
Bulk Cable Weight:
97 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Sustainability:
Product Lens™, Environmental Product Declaration (EPD) Available
Flammability / Reaction to
Fire:
UL 1666 Riser, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance: CMG
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation
Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
658AFS
Product Notes
Notes:
Cold environment installation: When installing cables that have been stored at ambient temperatures of 32 degrees Fahrenheit (0 degrees Centigrade) or lower, Belden recommends
conditioning of the cable for 12 hours at room temperature prior to individual cable leg separation.
History
Update and Revision:
Revision Number: 0.522 Revision Date: 12-22-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
Footnote
558AFS 000500
Orange, White, Blue, Gray Reel
500 ft
612825164494 C
558AFS 0001000 Orange, White, Blue, Gray Reel
1,000 ft 612825164487 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com