Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558AMJ Datasheet(PDF) 2 Page - Belden Inc.

Part # 558AMJ
Description  Access Control, 16c (#22-3pr, #18-4c, #22-6c), Only Card Reader Pairs Shielded, Outer Jacket, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

558AMJ Datasheet(HTML) 2 Page - Belden Inc.

  558AMJ Datasheet HTML 1Page - Belden Inc. 558AMJ Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Element
Description
Element
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance
Cond-to-Shield
Max. Current
Card Reader
Pair(s)
16.3 Ohm/1000ft (53.5
Ohm/km)
14.9 Ohm/1000ft (48.9
Ohm/km)
24 pF/ft (79 pF/m)
43.25 pF/ft (141.9 pF/m)
2 Amps per Conductor at 25ºC
Door Contact
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
17 pF/ft (56 pF/m)
2.2 Amps per Conductor at
25ºC
REX/Spare
Conductor(s)
16.4 Ohm/1000ft (53.8
Ohm/km)
17 pF/ft (56 pF/m)
2.2 Amps per Conductor at
25ºC
Lock Power
Conductor(s) 6.5 Ohm/1000ft (21 Ohm/km)
22 pF/ft (72 pF/m)
4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (UL CMR)
Mechanical Characteristics
Temperature
Operating
-5°C to +75°C
Max. Pull Tension:
200 lbs (91 kg)
Bulk Cable Weight:
104 lbs/1000ft (155 kg/km)
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to Fire:
UL1666 Riser
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMR
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
658AMJ
History
Update and Revision:
Revision Number: 0.153 Revision Date: 03-27-2024
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com