Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29PS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 29PS
Description  PRESSURE SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

29PS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  29PS Datasheet HTML 1Page - Sensata Technologies, Inc. 29PS Datasheet HTML 2Page - Sensata Technologies, Inc. 29PS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Operating Pressure
200 to 750 psig (14 to 52 bar)
Proof Differential and Tolerance
For actuation pressures of 200-350 psig (14 - 24 bar), tolerance is ±10 psig (±0.7 bar),
60-70% is standard differential;
351-500 psig (24 - 34.5 bar), ±10 psig (±0.7 bar), 65-75% differential;
Differential = (release setpoint/actuation setpoint) X 100.
Release Tolerance setpoint on all devices (0.2 bar), ±30 psig.
Proof Pressure
600 psig (41 bar) for actuation pressure up to 400 psig (28 bar);
800 psig (55 bar) for higher actuation pressures
Burst Pressure
5000 psig (345 bar)
Standard Port Fittings
1/4” SAE female flare with deflator
1/4” male NPTF
1/8” male NPTF
1/4” SAE male flare
24” and 36” capillary tubes, straight or flared ends
Electrical Configuration
Single-pole single-throw normally closed at atmospheric pressure with manual reset
Electrical Ratings
Pilot-duty, 375 VA at 120 VAC
2.9 FLA, 15.0 LRA at 240 VAC
5.8 FLA, 34.8 LRA at 120 VAC
240 VAC 6A IND
Dielectric Strength
750 Vrms across open contacts; 1554 Vrms to ground
Life at Rated Current
10,000 cycles
Leads
AWG stranded UL style 1056 with 1/2” strip standard
6” and 12” lengths standard, other lengths available and special terminals available upon request
Ambient Temperature
-20ºF to 150ºF (-29ºC to 66ºC)
Fluid Temperature
-65ºF to 275ºF (-54ºC to 135ºC)
DESIGN SPECIFICATIONS
All dimensions in millimeters [Inches].
TYPICAL DIMENSIONAL DRAWINGS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com