Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2TC Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 2TC
Description  1–25 Amp, Single–Phase, Miniature Ambient Compensated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2TC Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  2TC Datasheet HTML 1Page - Sensata Technologies, Inc. 2TC Datasheet HTML 2Page - Sensata Technologies, Inc. 2TC Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Temp.
Minimum Ultimate
Trip
Maximum Ultimate
Trip
Trip Time (in seconds)
200%
500%
1000%
25°C
115%
138%
4–16
0.40–1.60
0.10–0.40
-54°C
115%
165%
7–35
0.60–3.00
0.15–0.70
121°C
85%
145%
2–13
0.25–1.00
0.06–0.25
For others, please contact us.
CALIBRATION CHART
For a Standard Device
TRIP CURVE
VOLTAGE DROP
Amp Rating
Max. Voltage Drop*
1
1.10
2
0.70
2 ½
0.50
3
0.40
4
0.45
5
0.35
7 ½
0.30
10
0.28
15
0.25
20
0.25
25
0.20
*Maximum voltage drop at nominal rated current.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com