Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS410_01 Datasheet HTML 4Page - Microchip Technology HCS410_01 Datasheet HTML 5Page - Microchip Technology HCS410_01 Datasheet HTML 6Page - Microchip Technology HCS410_01 Datasheet HTML 7Page - Microchip Technology HCS410_01 Datasheet HTML 8Page - Microchip Technology HCS410_01 Datasheet HTML 9Page - Microchip Technology HCS410_01 Datasheet HTML 10Page - Microchip Technology HCS410_01 Datasheet HTML 11Page - Microchip Technology HCS410_01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
HCS410
DS40158E-page 8
Preliminary
 2001 Microchip Technology Inc.
2.2.1
TRANSMISSION DATA FORMAT
The HCS410 transmission (CH Mode) is made up of
several parts (Figure 2-10 and Figure 2-11). Each
transmission is begun with a preamble and a header,
followed by the encrypted and then the fixed data. The
actual data is 69 bits which consists of 32 bits of
encrypted data and 37 bits of fixed data. Each trans-
mission is followed by a guard period before another
transmission
can
begin.
Refer
to
Table 5-4
and Table 5-5 for transmission timing specifications.
The combined encrypted and nonencrypted sections
increase the number of combinations to 1.47 x 1020.
The HCS410 transmits a 69-bit code word when a but-
ton is pressed. The 69-bit word is constructed from a
Fixed Code portion and Code Hopping portion
(Figure 2-8).
The Encrypted Data is generated from 4 function bits,
2 overflow bits, and 10 discrimination bits, and the 16-
bit synchronization counter value (Figure 2-8).
The Nonencrypted Code Data is made up of 2 QUE
bits, 2 CRC bits, a VLOW bit, 4 function bits, and the
28-bit serial number. If the extended serial number
(32 bits) is selected, the 4 function code bits will not be
transmitted (Figure 2-8).
FIGURE 2-8:
HOP CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED OUT FIRST)
FIGURE 2-9:
SEED CODE WORD ORGANIZATION
Fixed Code Data
Encrypted Code Data
69 bits
of Data
Transmitted
MSB
LSB
CRC
(2 bit)
VLOW
(1 bit)
Button
Status*
(4 bits)
28-bit
Serial Number
Overflow (2 bits)
bits (10 bits)
16-bit
Synchronization
CRC
(2 bits)
VLOW
(1 bit)
+
Serial Number and
Button Status (32 bits)
+
32 bits of Encrypted Data
QUE
QUE
(Q1, Q0
S2 S1 S0 0
Button
Status
(4 bits)
S2 S1 S0 0
(2 bits)
bit)
Counter Value
Discrimination
and
* Optional.
Fixed Code Data
69 bits
of Data
Transmitted
CRC
(2 bit)
VLOW
(1 bit)
Button*
Status
(4 bits)
CRC
(2 bits)
VLOW
(1 bit)
+
QUE
QUE0
(Q1, Q0
S2 S1 S0 0
(2 bits)
bit)
Unencrypted
Button
(4 bits)
SEED
(60 bits)
+
SEED
* Optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com