Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6213 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Screw-in temperature threshold detector/ transmitter with display
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 8400
13 | 14
Visit product website 
Temperature transmitter, compact version
Note:
The adaptation of the 8400 Extended will be done through the external thread or also with a compression fitting (not part of delivery).
This allows variable mounting in larger pipe diameters or tanks.
Version
Voltage
supply
Sensor
element
Screw-in
thread
Input
Output
Electrical connection
Article no.
Standard
mounting
length
12…30 V DC 29.5 mm -
Ø 4 mm
G ½
4…20 mA1.) 4…20 mA2.) +
Relay
8 pin M12 male fixed plug and
cable plug EN 175301-803
444696 
NPT ½
4…20 mA1.) 4…20 mA2.) +
Relay
8 pin M12 male fixed plug and
cable plug EN 175301-803
444698 
Rc ½
4…20 mA1.) 4…20 mA2.) +
Relay
8 pin M12 male fixed plug and
cable plug EN 175301-803
444697 
Extended
mounting
length
12…30 V DC 100 mm -
Ø 6 mm
G ½
4…20 mA1.) 4…20 mA2.) +
Relay
8 pin M12 male fixed plug and
cable plug EN 175301-803
550055 
200 mm -
Ø 6 mm
G ½
4…20 mA1.) 4…20 mA2.) +
+Relay
8 pin M12 male fixed plug and
cable plug EN 175301-803
550056 
1.) Ext. Setpoint
2.) Process value
Wall-mounted version
Voltage supply
Input
Output
Electrical connection
Article no.
12…30 V DC
3-wired Pt100
NPN and PNP
Free positionable 5 pin M12 male fixed plug and 4 pin
M12 female fixed plug
448862 
7.4. Ordering chart accessories
Description
Article no.
5 pin M12 female straight cable plug with plastic threaded locking ring, to be wired
917116 
5 pin M12 female straight cable plug moulded on cable (2 m, shielded)
438680 
4 pin M12 male straight cable plug with plastic threaded locking ring, to be wired
448856 
4 pin M12 male straight cable plug moulded on cable (2 m, shielded)
448857 
8 pin M12 female straight cable plug with plastic threaded locking ring, to be wired
444799 
8 pin M12 female straight cable plug moulded on cable (2 m, shielded)
444800 
Female cable plug EN 175301-803 with cable gland - see Type 2518 
572264 
Female cable plug EN 175301-803 with NPT ½ reduction without cable gland - see Type 2509 
162673 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com