Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8640 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 8640
Description  Modular valve island for pneumatics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8640 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 8640 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8640 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Type 8640
21 | 32
Visit product website 
AirLINE Quick adapter
AirLINE Quick considerably reduces the use of components in the control cabinet. With the AirLINE Quick Adapter, the valve island is
directly adapted on the control cabinet floor or wall.
Note:
Type 0460 valves cannot be installed with AirLINE Quick because of their size.
Valves with 11 mm width/station
AirLINE Quick Adapter
in stainless steel 1.4301
or anodised aluminium
Stabilising metal plate,
is fixed on the outside
of the control cabinet
Pneumatic connections
Supply/Disposal:
– G ¼
Pneumatic connections:
– Plug-in coupling Ø 6 mm
– Plug-in coupling Ø ¼"
Pneumatic
connections:
– Stainless steel 1.4301
– Nickel-plated brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com