Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2103 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for the integrated mounting on process control valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 8696
13 | 14
Visit product website 
8.
Ordering information
8.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
8.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
8.3. Ordering chart
Note:
• The adapter kits must be ordered separately, see “Adapter kits” on page 14.
• All standard versions are UL-approved.
• Other versions are available on request.
Circuit function
Pilot valve
system
Electrical
connection
Communication
Analogue
feedback
Digital
input
Pilot air ports
Threaded
connection
Article no.
Actuator series ELEMENT Type 23xx/2103 with actuator size Ø 50 mm
(internal control air routing)
Standard
ATEX II Cat.
3G/D, IECEx,
CCC 1.)
Single-acting
M12 plug
connector
Without fieldbus
communication
–
Yes
G ⅛
326436 
265082 
Yes
Yes
G ⅛
326437 
265083 
IO-Link Port Class A
–
–
G ⅛
20032474 
20032476 
IO-Link Port Class B
–
–
G ⅛
326447 
o. r.
Bürkert system bus
(büS)
–
–
G ⅛
326445 
o. r.
Mounting on external drives (external control air routing)
Single-acting
M12 plug
connector
Without fieldbus
communication
–
Yes
G ⅛
326434 
265084 
Yes
Yes
G ⅛
326435 
265085 
IO-Link Port Class A
–
–
G ⅛
20032473 
20032475 
IO-Link Port Class B
–
–
G ⅛
326446 
o. r.
Bürkert system bus
(büS)
–
–
G ⅛
326444 
o. r.
o. r. = on request
1.) CCC (China Compulsory Certificate) for device versions with Ex approval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com