Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41889 Datasheet(PDF) 15 Page - EPCOS

Part # B41889
Description  General-purpose grade capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41889 Datasheet(HTML) 15 Page - EPCOS

Back Button B41889 Datasheet HTML 11Page - EPCOS B41889 Datasheet HTML 12Page - EPCOS B41889 Datasheet HTML 13Page - EPCOS B41889 Datasheet HTML 14Page - EPCOS B41889 Datasheet HTML 15Page - EPCOS B41889 Datasheet HTML 16Page - EPCOS B41889 Datasheet HTML 17Page - EPCOS B41889 Datasheet HTML 18Page - EPCOS B41889 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PAPR leads (Protection Against Polarity Reversal)
These lead configurations ensure correct placement of the capacitor on the PCB with regard to
polarity. PAPR leads are available for diameters from 10 mm up to 20 mm.
There are three configurations available: Crimped leads, J leads, bent 90
° leads
Crimped leads
Last 3 digits of ordering code: 003
With stand-off rubber seal
With flat rubber seal
Suggestion for PCB hole diameter
Case size
Dimensions (mm)
d
× l (mm)
B
±0.2
C
±0.5
D
±0.1
E
±0.1
a
±0.5
∅b
16
× 20
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
16
× 25
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
16
× 31.5
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
18
× 20
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 25
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 31.5
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 35
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 40
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
20
× 20
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 25
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 40
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
B41889
Very low impedance
105
°C
Page 15 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com