Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4TM Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 4TM
Description  Motor Protector Refrigeration Compressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

4TM Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  4TM Datasheet HTML 1Page - Sensata Technologies, Inc. 4TM Datasheet HTML 2Page - Sensata Technologies, Inc. 4TM Datasheet HTML 3Page - Sensata Technologies, Inc. 4TM Datasheet HTML 4Page - Sensata Technologies, Inc. 4TM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
SPECIFICATIONS
Contact Capacity (Cycle Life Guidelines)
Notes on Code
The 4TM is designed to achieve a minimum of 10,000 cycles as defined by a Weibull analysis of test results. End of useful design life is defined
as open or permanently closed circuit, and a change in open temperature of greater than ±5°C or a change in reset temperature of ±9°C from the
device’s original value.
Test conditions are:
Contact
Operating Voltage
ZZ
YY
120
240
Max Current
Power Factor
32 Amps
20 Amps
65%
65%
These guidelines are intended to direct users toward a proper selection of contact capacity for specific applications and judgment of acceptability of
cycle rate on an application relative to their specific goals for cycle life reliability. It presumes that the heater capacity has not been exceeded, and
only published combinations of open and reset temperatures are used.
Estimates of life of a given 4TM rating, in combination with a given compressor, may be obtained from a Sensata Technologies Sales/Marketing
representative. It is incumbent upon the user to determine the reliability of the combination by actual locked rotor life test of the system.
Heaters: Coiled heaters are preferred for PTCR-starter type applications because they provide longest off time; however, their ratio of first cycle trip
time amps to ultimate trip amps is greater than flat heaters (approx. 4:1). The coiled heater series can cover a range of U.T.A. at 71°C from 0.7 amps
to 5 amps. Flat heaters are preferred for relay type applications due to their narrower ratio of trip time current to ultimate trip current (approx. 3:1) flat
heaters can cover a range of U.T.A. at 71°C from 0.9 amps to 8 amps.
Temperatures: On the next page is a list of standard operating temperatures, and each has ±5°C tolerance on open temp and ±9°C tolerance on
reset temperature. Consult your local Sensata Sales/ Marketing representative for special requirements.
* Failure to properly apply the 4TM could result in actuation of the device when the compressor should be operating, or overheating of the motor
during a Contact fault condition.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com