Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
SINGLE POLE (ONE HANDLE)
1.260
[32.00]
.640 MAX.
[16.26]
2X 6-32 THREAD
.165 MAX.
[4.19]
.535
[13.59]
1.654
[42.01]
.982
[24.94]
O
N
O
F
F
1.732
[43.99]
.098
[2.49]
60
1.988 MAX.
[50.50]
.635
[16.13]
LINE
.228
[5.79]
.787
[19.99]
1.260
[32.00]
.551
[14.00]
2X .157
[3.99]
Mounting Detail
Notes:
1. Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
2. Main circuit breaker terminals are stationary male push-on type: .248 [6.30]
wide x .031 [.787] thick x .474 [12.00] long, or screw type: M4 x .354 [8.99]
wide x .031 [.787] thick x .474 [12.00] long.
Construction
Series and series with auxiliary switch available in various delays and combinations.
Auxiliary and Alarm Switch
When supplied shall be S.P.D.T. configuration with a maximum rating of 3.0 amperes, 250Vac resistive load. Gold contacts are rated at .100 amperes,
125Vac resistive load.
Moisture Resistance
Meet all the requirements of MIL-PRF-55629 when tested in accordance with Method 106 of MIL-STD-202.
Salt Spray (Corrosion)
Meet the requirements of MIL-PRF-55629 when tested in accordance with Method 101 of MIL-STD-202.
Shock
Circuit protectors shall not trip when tested per MIL-STD-202, Method 213, Test Condition B with 100% rated current applied to delayed units and 80%
rated current to instantaneous units. Units with auxiliary switches will withstand 30G max.
Vibration
Circuit protectors shall not trip when vibrated per MIL-STD-202, Method 201, Test Condition A with 100% rated current applied to delayed units and 80%
rated current to instantaneous units.
Recommended Torque Specifications
Component
Torque (in-lbs)
6-32 Mounting Inserts
6 to 8
M3 Mounting Screws
4 to 5
M4 Terminal Screws
10 to 12
Approximate Weight Per Pole
Ounces
Grams
1.7
48
Inrush Pulse Tolerance
Delay
Pulse Tolerance
61, 62, 600
8 times rated current
61F, 62F, 600F
12 times rated current
Where applicable, mechanical support must be provide to the
terminals when applying torque
Comparison of inrush pulse tolerance is with and without the inertia
delay feature for each of the 50/60 Hz delays. Pulse tolerance is
defined as a single pulse of half sine wave peak current amplitude of
8 milliseconds duration that will not trip the circuit protector



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com