Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1603 Datasheet(PDF) 2 Page - EPCOS

Part # B1603
Description  Low-Loss Filter for Digital Television
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1603 Datasheet(HTML) 2 Page - EPCOS

  B1603 Datasheet HTML 1Page - EPCOS B1603 Datasheet HTML 2Page - EPCOS B1603 Datasheet HTML 3Page - EPCOS B1603 Datasheet HTML 4Page - EPCOS B1603 Datasheet HTML 5Page - EPCOS B1603 Datasheet HTML 6Page - EPCOS B1603 Datasheet HTML 7Page - EPCOS B1603 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mar 28, 2003
SAW Components
B1603
1220,0 MHz
Low-Loss Filter for Digital Television
Data Sheet
SMD ceramic package QCC8B
Features
s
Low loss RF filter for up down conversion
s
Usable passband 8 MHz
s
No matching network required for operation
at 200
Ω
s
Balanced to balanced operation
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
1
Input
2
Input
5
Output
6
Output
3,7
To be grounded
4,8
Case - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and package
according to
Packing
according to
B1603
B39122-B1603-Z810
C61157-A7-A46
F61074-V8167-Z000
Maximum ratings
Operable temperature range
T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source impedance 200
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com