Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1608 Datasheet(PDF) 3 Page - EPCOS

Part # B1608
Description  Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1608 Datasheet(HTML) 3 Page - EPCOS

  B1608 Datasheet HTML 1Page - EPCOS B1608 Datasheet HTML 2Page - EPCOS B1608 Datasheet HTML 3Page - EPCOS B1608 Datasheet HTML 4Page - EPCOS B1608 Datasheet HTML 5Page - EPCOS B1608 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 02, 2002
SAW Components
B1608
1472,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= –20 ˚C ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1472,0
—
MHz
Maximum insertion attenuation
α
max
1452,00 ...1492,00 MHz
—
3,8
4,8
dB
Amplitude ripple in passband (p-p)
∆α
1452,00 ...1492,00 MHz
—
1,0
1,5
dB
Attenuation
α
500,00 ...1262,00 MHz
34,0
38,0
—
dB
1262,00 ...1382,00 MHz
34,0
38,0
—
dB
1382,00 ...1398,00 MHz
25,0
30,0
—
dB
1398,00 ...1414,00 MHz
18,0
22,0
—
dB
1547,00 ...1580,00 MHz
25,0
35,0
—
dB
1580,00 ...2200,00 MHz
33,0
40,0
—
dB
Group delay ripple (p-p)
∆τ
Aperture 1 MHz
1452,00 ...1492,00 MHz
—10
—
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com