Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331-AQFT Datasheet(PDF) 69 Page - OSRAM GmbH

Part # AS7331-AQFT
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331-AQFT Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button AS7331-AQFT Datasheet HTML 64Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 65Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 66Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 67Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 68Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 69Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 70Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 71Page - OSRAM GmbH AS7331-AQFT Datasheet HTML 72Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
Document Feedback
AS7331
Soldering & Storage Information
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 68
Parameter
Reference
Device
Temperature gradient in cooling
Max −5 °C/s
Information
For cleaning the sensor after soldering, we recommend a pH neutral cleaner such as Isopropanol
(IPA) with a pH of 7. Do not use any solvents with a pH smaller or larger than 7.
12.2
Storage Information
12.2.1
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the
release and vaporization of moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of absorbed moisture possible, each device is
baked prior to being dry packed for shipping. Devices are dry packed in a sealed aluminized envelope
called a moisture-barrier bag with silica gel to protect them from ambient moisture during shipping,
handling, and storage before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 24 months from the date
code on the bag when stored under the following conditions:
●
Shelf Life: 24 months
●
Ambient Temperature: <40 °C
●
Relative Humidity: <90 %
Rebaking of the devices will be required if the devices exceed the 24 months shelf life or the Humidity
Indicator Card shows that the devices were exposed to conditions beyond the allowable moisture
region.
Floor Life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life of
devices removed from the moisture barrier bag is 168 hours from the time the bag was opened,
provided that the devices are stored under the following conditions:
●
Floor Life: 168 hours
●
Ambient Temperature: <30 °C
●
Relative Humidity: <60 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com