Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7060A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7060A
Description  BIOFY® Biomonitoring Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7060A Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7060A Datasheet HTML 1Page - OSRAM GmbH SFH7060A Datasheet HTML 2Page - OSRAM GmbH SFH7060A Datasheet HTML 3Page - OSRAM GmbH SFH7060A Datasheet HTML 4Page - OSRAM GmbH SFH7060A Datasheet HTML 5Page - OSRAM GmbH SFH7060A Datasheet HTML 6Page - OSRAM GmbH SFH7060A Datasheet HTML 7Page - OSRAM GmbH SFH7060A Datasheet HTML 8Page - OSRAM GmbH SFH7060A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SFH 7060A
DATASHEET
DATASHEET
4 | Version 1.1 | 2024-02-22
Pin configuration
Pin
Name
Function
1
Red
Red LED Anode
2
Red
Red LED Cathode
3
Green 1
Green LED 1 Cathode
4
Green 1
Green LED 1 Anode
5
Green 2
Green LED 2 Anode
6
PD
Photodiode Anode
7
PD
Photodiode Cathode
8
Green 2
Green LED 2 Cathode
9
Green 3
Green LED 3 Anode
10
Green 3
Green LED 3 Cathode
11
IR
Infrared LED Cathode
12
IR
Infrared LED Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com