Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083M Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TCS34083M
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083M Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TCS34083M Datasheet HTML 29Page - OSRAM GmbH TCS34083M Datasheet HTML 30Page - OSRAM GmbH TCS34083M Datasheet HTML 31Page - OSRAM GmbH TCS34083M Datasheet HTML 32Page - OSRAM GmbH TCS34083M Datasheet HTML 33Page - OSRAM GmbH TCS34083M Datasheet HTML 34Page - OSRAM GmbH TCS34083M Datasheet HTML 35Page - OSRAM GmbH TCS34083M Datasheet HTML 36Page - OSRAM GmbH TCS34083M Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Page 32
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
Note(s):
1. Return to the Register Map (0xB2).
Figure 38:
CFG11
Note(s):
1. Return to the Register Map (0xB4).
5:0
Reserved
0
Addr: 0xB4
CFG11
Bit
Field
Reset
Type
Bit Description
7AINT_DIRECT
0
R/W
ALS Interrupt Direct. Enables the direct mode of
ALS interrupt. Interrupts (aint) are only generated
when adataX (selected by als_th_channel) moves
over the hysteresis edges (aint_ailt and aint_aiht). If
"0", interrupts are always generated if adataX is
above aiht or below ailt. The status of the ALS
interrupt is directly output on the INT or GPIO pin if
this mode is enabled and either of those pins are
configured to do so according to the INT_PINMAP
and GPIO_PINMAP settings.
6:0
Reserved
64
Addr: 0xB2
CFG9
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com