Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013M Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TCS37013M
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013M Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TCS37013M Datasheet HTML 8Page - OSRAM GmbH TCS37013M Datasheet HTML 9Page - OSRAM GmbH TCS37013M Datasheet HTML 10Page - OSRAM GmbH TCS37013M Datasheet HTML 11Page - OSRAM GmbH TCS37013M Datasheet HTML 12Page - OSRAM GmbH TCS37013M Datasheet HTML 13Page - OSRAM GmbH TCS37013M Datasheet HTML 14Page - OSRAM GmbH TCS37013M Datasheet HTML 15Page - OSRAM GmbH TCS37013M Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
Datasheet, Public
Page 11
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Typical Operating Characteristics
Figure 13:
Spectral Responsivity
Note(s):
1. The spectral responsivities shown in the figure are scaled based on the photodiode area of each channel. The scaling factors used
to generate this figure are (relative to CLEAR): 1.7 for WIDEBAND, and 0.28 for IR/PROX. Once scaled, the responsivities are normalized.
Typical Operating
Characteristics
0%
20%
40%
60%
80%
100%
120%
300
400
500
600
700
800
900
1000
1100
λ Wavelength - nm
Scaled Spectral Responsivity
Clear
Red
Green
Blue
Wideband
IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com