Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37073 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS37073
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37073 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS37073 Datasheet HTML 17Page - OSRAM GmbH TCS37073 Datasheet HTML 18Page - OSRAM GmbH TCS37073 Datasheet HTML 19Page - OSRAM GmbH TCS37073 Datasheet HTML 20Page - OSRAM GmbH TCS37073 Datasheet HTML 21Page - OSRAM GmbH TCS37073 Datasheet HTML 22Page - OSRAM GmbH TCS37073 Datasheet HTML 23Page - OSRAM GmbH TCS37073 Datasheet HTML 24Page - OSRAM GmbH TCS37073 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Page 20
ams Datasheet, Confidential
Document Feedback
[v1-05] 2019-May-13
TCS3707 − Register O ver view
0xB8
PCFG1
R/W
Proximity configuration one
0x00
0xB9
PCFG2
R/W
Proximity configuration two
0x00
0xBB
PCFG4
R/W
Proximity configuration four
0x02
0xBC
PCFG5
R/W
Proximity configuration five
0x4F
0xBD
PERS
R/W
Persistence configuration
0x00
0xBE
GPIO
R/W
GPIO configuration
0x02
0xC7
POFFSET
R/W
Proximity offset
0x00
0xC8
0x00
0xCA
ASTEP
R/W
ALS integration step size
0xE7
0xCB
0x03
0xCF
AGC_GAIN_MAX
R/W
Maximum AGC gains
0x99
0xD0
PXAVG
R/W
Proximity average
0x00
0xD1
0x00
0xD2
PBSLN
R/W
Proximity baseline
0x00
0xD3
0x00
0xD6
AZ_CONFIG
R/W
Autozero configuration
0xFF
0xDB
FD_STATUS
R
Flicker detection configuration zero
0x00
0xEA
CALIB
R/W
Calibration start
0x00
0xEB
CALIBCFG0
R/W
Calibration configuration zero
0x00
0xEC
CALIBCFG1
R/W
Calibration configuration one
0x0C
0xED
CALIBCFG2
R/W
Calibration configuration two
0x00
0xEE
CALIBSTAT
R/W
Calibration status
0x00
0xF9
INTENAB
R/W
Enable interrupts
0x00
0xFA
CONTROL
R/W
Control
0x00
Addr
Name
Type
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com