Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37725FN Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS37725FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725FN Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS37725FN Datasheet HTML 15Page - OSRAM GmbH TCS37725FN Datasheet HTML 16Page - OSRAM GmbH TCS37725FN Datasheet HTML 17Page - OSRAM GmbH TCS37725FN Datasheet HTML 18Page - OSRAM GmbH TCS37725FN Datasheet HTML 19Page - OSRAM GmbH TCS37725FN Datasheet HTML 20Page - OSRAM GmbH TCS37725FN Datasheet HTML 21Page - OSRAM GmbH TCS37725FN Datasheet HTML 22Page - OSRAM GmbH TCS37725FN Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Principles of Operation
Proximity Detection
Proximity detection is accomplished by measuring the amount
of light energy, generally from an IR LED, reflected off an object
to determine its distance. The proximity light source, which is
external to the TCS3772 device, is driven by the integrated
proximity LED current driver.
Figure 24:
Proximity Detection
The LED current driver, output on the LDR terminal, provides a
regulated current sink that eliminates the need for an external
current limiting resistor. PDRIVE sets the drive current to
100 mA, 50 mA, 25 mA. To drive an external light source with
more than 100 mA or to minimize on-chip ground bounce, LDR
can be used to drive an external p-type transistor, which, in turn,
drives the light source.
Referring to the Detailed State Machine figure, the LED
current driver pulses the external IR LED as shown in Figure 25
during the Prox Accum state. Figure 25 also illustrates that the
LED On pulse has a fixed width of 6.3
μs and period of 14.0 μs.
So, in addition to setting the proximity drive current, 1 to 255
proximity pulses (PPULSE) can be programmed. When deciding
on the number of proximity pulses, keep in mind that the signal
increases proportionally to PPULSE, while noise increases by
the square root of PPULSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com