Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37725 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS37725
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS37725 Datasheet HTML 17Page - OSRAM GmbH TCS37725 Datasheet HTML 18Page - OSRAM GmbH TCS37725 Datasheet HTML 19Page - OSRAM GmbH TCS37725 Datasheet HTML 20Page - OSRAM GmbH TCS37725 Datasheet HTML 21Page - OSRAM GmbH TCS37725 Datasheet HTML 22Page - OSRAM GmbH TCS37725 Datasheet HTML 23Page - OSRAM GmbH TCS37725 Datasheet HTML 24Page - OSRAM GmbH TCS37725 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Principles of Operation
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity or
proximity values outside of a user-defined range. While the
interrupt function is always enabled and it's status is available
in the status register (0x13), the output of the interrupt state
can be enabled using the proximity interrupt enable (PIEN) or
Clear interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level and proximity
range. An interrupt can be generated when the Clear data
(CDATA) is less than the Clear interrupt low threshold registers
(AILTx) or greater than the Clear interrupt high threshold
registers (AIHTx). Likewise, an out-of-range proximity interrupt
can be generated when the proximity data (PDATA) falls below
the proximity interrupt low threshold (PILTx) or exceeds the
proximity interrupt high threshold (PIHTx).
It is important to note that the thresholds are evaluated in
sequence, first the low threshold, then the high threshold. As a
result, if the low threshold is set above the high threshold, the
high threshold is ignored and only the low threshold is evaluated.
To further control when an interrupt occurs, the device
provides a persistence filter. The persistence filter allows the
user to specify the number of consecutive out-of-range Clear
or proximity occurrences before an interrupt is generated. The
persistence register (0x0C) allows the user to set the Clear
persistence (APERS) and the proximity persistence (PPERS)
values. See the persistence register for details on the
persistence filter values. Once the persistence filter generates
an interrupt, it will continue until a special function interrupt
clear command is received (see command register).
Figure 26:
Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com