Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7BA-06F2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S7BA-06F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7BA-06F2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S7BA-06F2AX Datasheet HTML 1Page - Bel Fuse Inc. S7BA-06F2AX Datasheet HTML 2Page - Bel Fuse Inc. S7BA-06F2AX Datasheet HTML 3Page - Bel Fuse Inc. S7BA-06F2AX Datasheet HTML 4Page - Bel Fuse Inc. S7BA-06F2AX Datasheet HTML 5Page - Bel Fuse Inc. S7BA-06F2AX Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4V-5.5V Input
0.75V-3.63V/6A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.4V
-
5.5V
Vo, set
≤ Vin-0.5V
Input Current (full load)
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=0.75V
-
-
-
-
-
-
-
-
-
-
-
-
4.73A
5.49A
5.11A
4.31A
3.57A
2.40A
Input Current (no load)
Vo=3.3V
Vo=0.75V
-
-
50mA
25mA
-
-
Remote Off Input Current
-
0.6mA
-
Input Reflected Ripple Current (pk-pk)
-
120mA
-
Input Reflected Ripple Current (RMS)
-
35mA
-
Tested with simulated source
impedance of 1uH, 5Hz to 20MHz.
I
2t Inrush Current Transient
-
-
0.04A
2s
Turn-on Voltage Threshold
-
2.05V
2.4V
Turn-off Voltage Threshold
1.8V
2.0V
-
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=5V, 50% full load
Output Voltage Set Point
-3%Vo,set
-
3%Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Adjustment Range Selected by
External Resistor or Voltage
0.7525V
-
3.63V
Load Regulation
-
0.4%Vo,set
-
Io=0%~50% full load;
Io=50%~100% full load
Line Regulation
-
0.3%Vo,set
-
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to +85°C)
-
0.4%Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0A
-
6A
Current Limit Threshold
9A
-
18A
Hiccup mode
Short Circuit Surge Transient
-
0.32A
2s
-
Ripple and Noise (pk-pk)
-
40mV
70mV
Ripple and Noise (RMS)
-
10mV
30mV
Tested with 0-20MHz, with
10uF tantalum capacitor &
1uF/10V ceramic capacitor
at output
Turn on Time
-
6mS
10mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
ESR
≥ 1mohm
ESR
≥ 10mohm
0uF
0uF
-
-
1000uF
3000uF
Transient Response
50% ~ 100% Max Load
-
130mV
-
Settling Time
-
25uS
-
100% ~ 50% Max Load
-
130mV
-
Settling Time
VO = 0.75V -
3.63V
-
25uS
-
di/dt=2.5A/uS; Vin=5V; and
with 10uF tantalum capacitor
& 1uF/10V TDK ceramic
capacitor at output
Note
: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com