Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6014 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6014
Description  Pneumatically operated 3/2-way seat valve CLASSIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6014 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6014 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6014 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 2006
13 | 14
Visit product website 
7.5. Ordering chart accessories
3/2-way pilot valves with banjo bolts
Note:
• Seal material of valve is FKM, seal material of banjo bolt is NBR
• For further accessories see the accessories data sheet Type 2XXX 
Valve for
actuator
size Ø
Type
Pressure
inlet P
(valve body)
Working
port A
(banjo
bolt)
Nominal
diameter (port
connection)
Q
Nn
value air
Pressure
range
Electrical coil
connection
industry
standard
Power
consump-
tion
Article no.
per voltage/frequency
[V/Hz]
[mm]
[mm]
[l/min]
[bar(g)]
[W]
024/DC
230/50
50 (D)…
63 (E)
6012P Pipe fitting
Ø 6 mm
G ¼
1.2
48
0…10
Form B
4
552283 
552286 
50 (D)…
125
6014P G ¼
G ¼
2
120
0…10
Form A
8
424103 
424107 
Cable plug Type 2507, Form B or Type 2508, Form A
Variant
Voltage
Article no.
Type 2507, Form B industry standard, without circuitry (Type 6012 P)
0…250 V
423845 
Type 2508, Form A according to DIN EN 175301 - 803, without circuitry (Type 6014 P, Type 0331P)
0…250 V
008376 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com