Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3233 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  2/2-way diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Type 2063
20 | 22
Visit product website 
6.
Product accessories
Note:
Further position feedbacks can be found on our website 
Electrical position feedback
Type 8697 
Actuator size Ø 50…130 mm
Description
The position feedback Type 8697 is designed for integrated mounting on process valves of
the CLASSIC series and especially for the requirements of hygienic process environments.
Mechanical or inductive limit switches detect the valve position.
Features
• Compact design
• LED position indicator
• Mechanical or inductive limit switches for end position registering
• Easy to clean chemically resistant housing featuring IP65/IP67, 4X Rating
• Optional intrinsically safe version acc. to ATEX/IECEx
Customer benefits
• Easy and quick installation
• High level of signal reliability thanks to self adjusting limit switches
• Minimised space requirement in the plant piping for more flexibility in plant design
7.
Networking and combination with other Bürkert products
The On/Off valve system with stainless steel actuator, Type 8801-DV, consists of a diaphragm valve, Type 2063, and an electri-
cal position feedback, Type 8697.
Note:
• You order two components and receive a completely assembled and tested valve.
Example:
Position feedback
Valve system On/Off
Type 2063
Type 8697 
Pneumatic control for decentralised
automation of ELEMENT process
valves
Type 8801-DV 
ELEMENT On/Off valve system with
decentralised automation
Type 2063 + Type 8697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com