Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8652 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8652
Description  2/2-way diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Type 2063
13 | 22
Visit product website 
4.6. Tube valve body (VP) with threaded connection
Note:
• Dimensions in mm, unless otherwise stated
• For detailed information on the draining angle, please refer to the “Additional manual Type 2xxx 3xxx” on our website (see
operating instructions ).
A
L
SW
Diaphragm
size
L
A
B
h
H
Spanner
width of
threaded
ports
Product key1.)
08
85
9
G ¼
11.70
20.3
17
GM82
15
102
14
G ½
14.35
25.0
27
GM84
20
118
12
G ¾
17.15
30.45
32
GM85
25
127
14
G 1
20.55
37.4
41
GM86
32
146
16
G 1¼
25.10
46.3
50
GM87
40
159
18
G 1½
29.35
53.5
60
GM88
50
191
20
G 2
35.35
65.50
70
GM89
Diaphragm
size
L
A
B
h
H
Spanner
width of
threaded
ports
Product key1.)
08
85
9.7
Rc ¼
11.70
20.3
17
RC82
15
102
13.2
Rc ½
14.35
25.0
27
RC84
20
118
14.5
Rc ¾
17.15
30.45
32
RC85
25
127
16.8
Rc 1
20.55
37.4
41
RC86
32
146
19.1
Rc 1¼
25.10
46.3
50
RC87
40
159
19.1
Rc 1½
29.35
53.5
60
RC88
50
191
23.4
Rc 2
35.35
65.50
70
RC89
Diaphragm
size
L
A
B
h
H
Spanner
width of
threaded
ports
Product key1.)
08
85
10
NPT ¼
11.70
20.3
17
NM82
15
102
13.7
NPT ½
14.35
25.0
27
NM84
20
118
14
NPT ¾
17.15
30.45
32
NM85
25
127
16.8
NPT 1
20.55
37.4
41
NM86
32
146
17.3
NPT 1¼
25.10
46.3
50
NM87
40
159
17.3
NPT 1½
29.35
53.5
60
NM88
50
191
17.6
NPT 2
35.35
65.50
70
NM89
1.) This information is part of the product key (see “8.3. Bürkert Product Enquiry Form” on page 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com