Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Manually operated 2/2-way angle seat valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 2920
3 | 14
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7
Material
Further information can be found in chapter “3. Materials” on page 6
Design
Angle seat valve on/off
Nominal diameter
DN 10…DN 80, NPS ⅜…NPS 3
Flow direction
Flow to open (below seat)
Performance data
Operating pressure
0 bar(g)…25 bar(g), see “5.1. Fluidic data” on page 11
Nominal pressure
PN 25 (DIN EN 1333), Class 150 (DIN EN 1759)
Seat leakage
Leakage rate A (according to DIN EN 12266 - 1), seat seal PTFE and PEEK, test medium air, see
“5.1. Fluidic data” on page 11
K
V value
5 m³/h…90 m³/h, see “5.1. Fluidic data” on page 11
Medium data
Process medium
Steam, neutral gases, water, alcohol, oils, fuels, hydraulic fluids, salt solutions, alkalis, organic
solvents
Medium temperature
- 40 °C…230 °C, see “5.2. Operating limits” on page 12
Viscosity
Max. 600 mm²/s
Process/Port connection & communication
Port connection
Threaded connection
G (EN ISO 228 - 1)
Rc (ISO 7/1 /DIN EN 10226 - 2)
NPT (ASME B 1.20.1)
Welded connection
DIN EN ISO 1127/ISO 4200/DIN 11866 B
DIN 11850 2/DIN 11866 A
ASME BPE/DIN 11866 C
SMS 3008
Clamp connection
DIN 32676 B (pipe ISO 4200)
DIN 32676 A (pipe DIN 11850 - 2)
ASME BPE
Approvals and conformities
Further information can be found in chapter “2. Approvals and conformities” on page 4
Environment and installation
Ambient temperature
- 10 °C…+ 60 °C
Installation position
As required, preferably with actuator in upright position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com