Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2920 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2920
Description  Manually operated 2/2-way globe valve
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2920 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2920 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2920 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Type 2921
13 | 15
Visit product website 
5.2. Operating limits
Operating limits for medium temperature and operating pressure
The operating range of Bürkert process valves is in addition to the maximum operating pressures limited by the nominal pressure according
to the relevant standard.
Operating limits for PN25 according to DIN EN 12516-1
Operating limits for Class 150 according to ASME B16.34
Operating limits for flange 10K according to JIS B 2220
Saturated steam curve for water
-40
0
20
40
60
80
100
120
140
160
200
220
0
5
10
15
20
25
Application limits of operating pressure and medium pressure
Operating pressure [bar(g)]
Low temperature version required
High temperature version required
-10
185
14
19
Satur
ated
steam
cur
ve
Standard
-20
230
Operating limits for optional versions
High temperature version
By adapting the spindle sealing this version is suitable for applications with steam, neutral gases and other heat transfer mediums up to
+ 230 °C.
Water version
For applications with water up to + 200 °C; a special configuration of the spindle seal increases the lifetime significantly.It is recommended
for all water applications.
Drinking water version
The materials comply with the assessment principles (UBA) for materials in contact with drinking water up to + 85 °C.
Low temperature version
Suitable for minimum medium temperatures down to - 40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com