Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3230 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 3230
Description  2/2 way Diaphragm Valve with plastic body, pneumatically operated, DN12 and 15
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3230 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  3230 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3230 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3230 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3230
p. 2/3
Ordering chart for valves (other versions on request)
All valves with EPDM diaphragm
A
2/2 way valve NC
2 (A)
1 (P)
12
2.8
0 - 6
PVC-U
True union Ø 16
784822 
G
⅜
784824 
PP
True union Ø 16
784828 
G
⅜
784830 
15
3.5
0 - 6
PVC-U
True union Ø 20
784826 
PP
True union Ø 20
784832 
B
2/2 way valve NO
2 (B)
1 (P)
12
2.8
0 - 6
PVC-U
True union Ø 16
784823 
G
⅜
784825 
PP
True union Ø 16
784829 
G
⅜
784831 
15
3.5
0 - 6
PVC-U
True union Ø 20
784827 
PP
True union Ø 20
784833 
The permissible nominal pressure decreases with increasing medium temperature (please see Pressure-temperature chart below).
Pilot pressure chart
NC = Control function A NO = Control function B DA = Control function I
NC
NO
DA
NC: data refer to the valves max. hubs
6
4
2
0
1
2
3
4
5
6
[stroke]
6
4
2
0
-20
0
20
40
60
80
100 120 140
PVDF
PP
PVC-U
Temperature [ºC]
Pressure temperature chart
depending on the body materials
Ordering chart for accessories
3/2 way pilot valves with banjo bolts
Seal material valve FKM, seal material banjo bolt NBR
Article no.
voltage/frequency
[V/Hz]
6012P
Tube fitting Ø6 mm
G
¼
1.2
48
0 - 10
Form B
4
552283  552286 
Cable plug for Type 2507, Form B
Type 2507, Form B Industrial standard, 0 to 250 V without circuitry (Type 6012 P)
423845 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com