Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3232 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3232
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3232 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3232 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Type 3232, 3233
Manually operated diaphragm valve
3 | 23
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 7.
Material
Forged body (VS)1.)
Forged stainless steel 316L/1.4435/BN2, Fe < 0.5 %/C ≤ 0.03 %
Tube valve body (VP)1.)
Stainless steel 316L/1.4435/BN2
Cast body (VG)1.)
Cast stainless steel 316L/1.4435
Plastic body (PV; PD; PP)1.)
PVC (PVC-U); PVDF; PP
Diaphragm
EPDM (AD)1.), PTFE/EPDM (EA)1.), advanced PTFE/EPDM (EU)1.),
Gylon®/EPDM laminated (ER)1.)
Actuator (actuator/handwheel) -
Diaphragm size 8…50
PPS (Stainless steel on request)/PPS (Stainless steel on request)
Actuator (actuator/handwheel) -
Diaphragm size 65…100
Stainless steel/Stainless steel
Diaphragm size
8…100; for tube valve body 8…50; for plastic body 15…100
Standard surface quality
Forged body (VS)1.)
Internal electrically polished : Ra ≤ 0.38 µm (NO17)1.) (ASME BPE SF4/DIN HE4)
(external forged surface electrically polished)
Internal mechanically polished : Ra ≤ 0.5 µm (NO14)1.) (ASME BPE SF1)
(external forged surface)
Tube valve body (VP)1.)
Internal electrically polished : Ra ≤ 0.38 μm (NO17)1.) (ASME BPE SF4/DIN HE4)
External glass bead blasted: Ra ≤ 1.6 μm (NO01)1.)
Internal glass bead blasted: Ra ≤ 1.6 μm (NO05)1.)
Cast body (VG)1.)
Internal electrically polished : Ra ≤ 0.6 µm (NO16)1.) (ASME BPE SF6)
(external cast surface electrically polished)
Internal mechanically polished : Ra ≤ 0.76 µm (NO06)1.) (ASME BPE SF3/DIN H2)
(external cast surface)
Medium data
Operating medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive medium
(see Resistance Chart )
Medium temperature
EPDM (AD)1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA)1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
advanced PTFE/EPDM (EU)1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
GYLON®/EPDM laminated (ER)1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Plastic body
See “3.2. Pressure temperature diagram for plastic body” on page 5
Process/Port connection & communication
Nominal diameter
DN06…DN100 (⅛" … 4")
Port connections2.)
For Stainless steelgehäuse3.)
Welded connection2.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
ASME BPE/DIN 11866 series C
Clamp connection2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
For plastic body
Spigot connection
DN15…DN50
True union
DN15…DN50
Loose flange
DN15…DN65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com