Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  Accessories for pneumatic stroke and rotary actuatorsCLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type 2XXX
4 | 14
Visit product website 
2.
Product accessories
2.1. Type 8697 - Electrical position feedback for CLASSIC valves
The electrical position feedback Type 8697 is optimised for integrated mounting on the CLASSIC 20XX series. Mechanical or induc-
tive limit switches register the position of the valve and give an electrical feedback signal to the control system.
Besides the electrical position feedback signal the position of the valve is visually shown via LEDs. The housing is easy to clean
and features proven electrical IP protection and chemically resistant materials for use in hygienic processing, in food, beverage and
pharmaceutical industries.
General technical data
Product properties
Material
Housing
PPS
Cover
PC
Seal
EPDM
Stroke range valve spindle
2…36 mm
Electrical data
Operating voltage1.)
Micro switch
24 V Version: 0…48 V AC/DC, max. 2 A
230 V Version: 50…250 V AC/DC, max. 2 A
Initiator
10…30 V DC - max. 100 mA per initiator
Position feedback
2x micro switch (0…48 V AC/DC, max. 2 A)
2x micro switch (50…250 V AC/DC, max. 2 A)
2x initiator (24 V DC), PNP shutter 3-wire with LEDs
2x initiator NAMUR (8.2 V DC) (2-wire) with LEDs
2x initiator (24 V DC), shutter (2-wire) with LEDs
Protection class
3 acc. to DIN EN 61140
Electrical connection
Multipole
M12, 8 pin
Cable gland
M16x1.5 SW22 (cable diameter 4…8 mm), terminal screws 0.14…1.5 mm²
Approvals and certificates
Conformity
EMC directive 2014/30/EU
Ignition protection
II 3D Ex tc IIIC T135 ºC Dc
II 3G Ex nA IIC T4 Gc
II 2D Ex ia IIIC T135 ºC Db IP64
II 2G Ex ia IIC T4 Gb
Approval
cULus certificate no. E238179
Environment and installation
Ambient temperature
- 20…+ 60 ºC (without ATEX or for II 2G Ex ia IIC T4 Gb)
0…+ 55 ºC (II 3D Ex tc IIIC T135ºC Dc, II 3G Ex nA IIC T4 Gc)
0…+ 55 ºC (II 2D Ex ia IIIC T135 °C Db IP64, II 2G Ex ia IIC T4 Gb)
Installation
As required, preferably with actuator in upright position
Degree of protection
IP65 and IP67 according to EN 60529, Type 4X
1.) Supply voltage according to UL NEC Class 2 for versions with cULus approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com