Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8804 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 8804
Description  Explosion Proof Rotary Actuator - On/Off and control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8804 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  8804 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8804 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Type 3004
2 | 12
Visit product website 
Table of contents
1. General Technical Data
3
2. Materials
4
2.1.
Chemical Resistance Chart – Bürkert resistApp.................................................................................................................. 4
3. Dimensions
4
3.1.
Motor 25, 45, 75 Nm ............................................................................................................................................................. 4
3.2.
Motor 100, 150, 300 Nm ....................................................................................................................................................... 5
4. Device/Process connections
6
4.1.
Multi-voltage or 24 V AC/DC standard version.................................................................................................................... 6
4.2.
Multi-voltage or 24 V AC/DC with programmable analogue signal input or output............................................................. 7
5. Product design and assembly
8
5.1.
Product features................................................................................................................................................................... 8
6. Ordering information
9
6.1.
Bürkert eShop – Easy ordering and quick delivery.............................................................................................................. 9
6.2.
Bürkert product filter............................................................................................................................................................ 9
6.3.
Ordering chart...................................................................................................................................................................... 9
Standard version without analogue signal input.................................................................................................................. 9
Control version with 4…20 mA, 0…20 mA or 0…10 V programmable analogue signal input or output........................... 10
6.4.
Ordering chart accessories................................................................................................................................................ 10
Conversion sleeves............................................................................................................................................................ 10
Spare battery for actuators with electronic emergency reset ............................................................................................ 11
Other accessories .............................................................................................................................................................. 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com