Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEVER Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # LEVER
Description  Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEVER Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  LEVER Datasheet HTML 1Page - Sensata Technologies, Inc. LEVER Datasheet HTML 2Page - Sensata Technologies, Inc. LEVER Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| LANDING GEAR CONTROL LEVER
Pressure Sensor
Description
Features
• Solenoid Controlled Down Latch
• Redundant Control Switches
• Design Meets FAR Part 25 and RTCA-160
• Emergency Latch Override Button
• Easily Replacable Light Panel
Kavlico’s Landing Gear Control Lever. (LGCL) provides all the necessary elements for control while providing signal indication via a series of internal
control switches. Our Landing Gear Control (LGC) unit meets the small envelope, minimum weight, and high reliability demanded by the aerospace
industry in part by utilizing our extensive experience in commercial aviation for designing components.
The design of this LGCL contains many features common to Kavlico’s overall Landing Gear Control products, whose reliability and durability have been
verified through extensive qualification and endurance testing.
Operation of the control handle actuates six independently triggered
SPDT (single pole, double throw) switches for signaling position status.
A bank of 4-6 switches are triggered when the handle is moved from
stowed position to down position or vice versa. The electrical signal
initiate the deployment or retraction of the landing gear system.
A spring loaded center mechanism is designed to insure full handle
travel to either stow or DN positions, while preventing an accidental
stop in any other location in betvveen. An electrically operated down-
lock prevents movement of the control handle to the stow position
untl the aircraft becomes airborne. The down-lock is operated by a
continuous-duty rated solenoid. A manual override permits emergency
release of the handle lock.
The ergonomic, easy-to-use control knob is designed to meet the FAR
Part 25 regulations.
Both the light plate and solenoid receive power through a MIL-
DTL-38999 Series Ill connector. The integrally moun1ed light plate
design is manufactured in accordance with SAE 7788 Type VII. The light
plate provides the identification legends for the control handle Up and
DN positions and for the down-lock release button.


Similar Part No. - LEVER

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LEVERPMR VISHAY-LEVERPMR Datasheet
126Kb / 7P
Analog Displacement Sensors for Transportation Applications
22-Mar-2021
More results

Similar Description - LEVER

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com