Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2620 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMD2620
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2620 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMD2620 Datasheet HTML 16Page - OSRAM GmbH TMD2620 Datasheet HTML 17Page - OSRAM GmbH TMD2620 Datasheet HTML 18Page - OSRAM GmbH TMD2620 Datasheet HTML 19Page - OSRAM GmbH TMD2620 Datasheet HTML 20Page - OSRAM GmbH TMD2620 Datasheet HTML 21Page - OSRAM GmbH TMD2620 Datasheet HTML 22Page - OSRAM GmbH TMD2620 Datasheet HTML 23Page - OSRAM GmbH TMD2620 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Datasheet, Public
Page 19
[v2-00] 2023-Feb-23
Document Feedback
TMD2620 − Register Description
CALIBCFG Register (0xD9)
Figure 30:
CALIBCFG Register
Addr: 0xD9
CALIBCFG
Field
Name
Reset
Type
Description
7:5
binsrch_target
0x2
RW
ADC target during binary search
Value
Target
00
11
23
37
415
531
663
7127
Note: This target is relative to 8-bit ADC values. In
the circuit, a 10-bit target is used (x4) of which the
lowest 2 bits are always ignored when checking for
zero during binary search and zero detection.
In hardware, this defines a mask of which bits to
ignore when comparing to zero. e.g. binsrch_
target=4 (target=15) means that values from the
ADC are AND'ed with 0xffc0 before comparing to
zero. Only values 16 or larger are taken as positive
ADC values.
4
Reserved
1
RW
Reserved. Set to 1.
3
prox_auto_offset_
adjust
0SC
This bit enables an automatic adjustment of the
offset used in proximity measurements. If this bit is
set, when a measurement returns zero, the value of
0xC0 will be decremented and offset_adjusted flag
will be set, bit 2 in 0xDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com