Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26203 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD26203
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26203 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD26203 Datasheet HTML 17Page - OSRAM GmbH TMD26203 Datasheet HTML 18Page - OSRAM GmbH TMD26203 Datasheet HTML 19Page - OSRAM GmbH TMD26203 Datasheet HTML 20Page - OSRAM GmbH TMD26203 Datasheet HTML 21Page - OSRAM GmbH TMD26203 Datasheet HTML 22Page - OSRAM GmbH TMD26203 Datasheet HTML 23Page - OSRAM GmbH TMD26203 Datasheet HTML 24Page - OSRAM GmbH TMD26203 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
CALIBSTAT Register (0xDC)
Figure 31:
CALIBSTAT Register
2:0
prx_data_avg
0
R_PUSH
Prox data calculation is done by averaging
consecutive windows of constant size. At the end of
the window, PDATA is updated. Typical use case is
HRM measurement
Value
Window Size
0disable
12
24
38
416
532
664
7128
Addr: 0xDC
CALIBSTAT
Field
Name
Reset
Type
Description
7:3
Reserved
0
Reserved
2
offset_adjusted
0
SC
This bit is a flag that the automatic proximity offset
adjustment has changed the offset in register 0xDC.
See 0xD9 for “prox_auto_offset_adjust”.
1
Reserved
0
Reserved
0
calib_finished
0
R/W
Offset calibration has finished. Clear bit by writing '1' to
it. Bit generates interrupt if cien is asserted.
Addr: 0xD9
CALIBCFG
Field
Name
Reset
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com