Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26203M Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMD26203M
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26203M Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMD26203M Datasheet HTML 9Page - OSRAM GmbH TMD26203M Datasheet HTML 10Page - OSRAM GmbH TMD26203M Datasheet HTML 11Page - OSRAM GmbH TMD26203M Datasheet HTML 12Page - OSRAM GmbH TMD26203M Datasheet HTML 13Page - OSRAM GmbH TMD26203M Datasheet HTML 14Page - OSRAM GmbH TMD26203M Datasheet HTML 15Page - OSRAM GmbH TMD26203M Datasheet HTML 16Page - OSRAM GmbH TMD26203M Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-23
TMD2620 − Register Description
PERS Register (0x8C)
This register controls the interrupt filtering capabilities of the
device. Configurable filtering is provided to allow interrupts to
be generated after a proximity cycle or if the integration cycle
has produced a result that is outside of the values specified by
threshold register for some specified number of times.
Figure 17:
PERS Register
CFG0 Register (0x8D)
Figure 18:
CFG0 Register
Addr: 0x8C
PERS
Field
Name
Reset
Type
Description
7:4
ppers
0
RW
Proximity Persistence Filtering
Value
Interrupt generated when...
0
Every proximity cycle
1
Any proximity value outside of threshold range
2
2 consecutive proximity values out of range
3
3 consecutive proximity values out of range
...
...
15
15 consecutive proximity values out of range
3:0
Reserved
0
RW
Reserved
Addr: 0x8D
CFG0
Field
Name
Reset
Type
Description
7:3
Reserved
1 0 0 0 0
RW
Reserved. Must be set to 10000.
2wlong
0
RW
Wait Long. When asserted, the wait cycle is increased
by a factor 12x from that programmed in the WTIME
register.
1:0
Reserved
0 0
RW
Reserved. Must be set to 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com