Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26213 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD26213
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD26213 Datasheet HTML 17Page - OSRAM GmbH TMD26213 Datasheet HTML 18Page - OSRAM GmbH TMD26213 Datasheet HTML 19Page - OSRAM GmbH TMD26213 Datasheet HTML 20Page - OSRAM GmbH TMD26213 Datasheet HTML 21Page - OSRAM GmbH TMD26213 Datasheet HTML 22Page - OSRAM GmbH TMD26213 Datasheet HTML 23Page - OSRAM GmbH TMD26213 Datasheet HTML 24Page - OSRAM GmbH TMD26213 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Page 20
Datasheet, Public
Document Feedback
[v4-00] 2023-Apr-12
TMD2621 − Register O ver view
PCFG0 Register (Address 0x8E)
Figure 28:
PCFG0 Register
PCFG1 Register (Address 0x8F)
Figure 29:
PCFG1 Register
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description
7:5
PGAIN
010
RW
This field sets proximity first stage gain control.
Value
Stage 1 Gain
0 (000)
1x
1 (001)
2x
2 (010)
4x
3 (011)
8x
4 (100)
16x
4:2
Reserved
000
RW
Reserved. Must be set to default value.
1:0
PGAIN2
11
RW
This field sets proximity second stage gain control.
Value
Stage 2 Gain
0 (00)
2.5x
1 (01)
5x
2 (10)
Reserved, must not use.
3 (11)
10x
Addr: 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:6
PPULSE_LENH
00
RW
These bits are the 2 most significant bits of the 10-bit
Pulse Length control setting. The lower 8 bits are in
the PCFG2 register. See the PCFG2 register for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com