Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26213M Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD26213M
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213M Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD26213M Datasheet HTML 1Page - OSRAM GmbH TMD26213M Datasheet HTML 2Page - OSRAM GmbH TMD26213M Datasheet HTML 3Page - OSRAM GmbH TMD26213M Datasheet HTML 4Page - OSRAM GmbH TMD26213M Datasheet HTML 5Page - OSRAM GmbH TMD26213M Datasheet HTML 6Page - OSRAM GmbH TMD26213M Datasheet HTML 7Page - OSRAM GmbH TMD26213M Datasheet HTML 8Page - OSRAM GmbH TMD26213M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Datasheet, Public
Page 1
[v4-00] 2023-Apr-12
Document Feedback
TMD2621
Proximity Sensor Module for Behind
OLED Applications
The TMD2621 features an advanced proximity measurement.
The device integrates an IR VCSEL and an advanced VCSEL driver
within an optimized 4.65mm x 1.86mm x 1.3mm OLGA package.
The proximity function synchronizes IR emission and detection
to sense nearby objects. The architecture of the engine features
self-maximizing dynamic range, ambient light subtraction,
advanced crosstalk cancellation, and interrupt-driven I²C
communication. Sensitivity, power consumption, and noise can
be optimized with adjustable IR VCSEL timing and power. The
proximity engine recognizes detect/release events and
produces a configurable interrupt whenever the proximity
result crosses upper or lower threshold settings.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2621 are listed below:
Figure 1:
Added Value of Using TMD2621
Applications
The TMD2621 applications include:
• Proximity detection for mobile phones
Benefits
Features
• Proximity detection behind OLED displays
• Integrated factory calibrated 940nm IR VCSEL
• Display synchronization with highly programmable
Proximity Start Delay (PSD)
• Crosstalk and ambient light cancellation
• Optimized sensitivity and noise level
• Wide configuration range
• Low power consumption
• 1.8V power supply with 1.8V I²C bus
• Configurable sleep mode
• Interrupt driven device
• Integrated status checking for all functions
• Proximity saturation flag
• VSYNC status check
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com