Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26721 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TMD26721
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26721 Datasheet(HTML) 5 Page - OSRAM GmbH

  TMD26721 Datasheet HTML 1Page - OSRAM GmbH TMD26721 Datasheet HTML 2Page - OSRAM GmbH TMD26721 Datasheet HTML 3Page - OSRAM GmbH TMD26721 Datasheet HTML 4Page - OSRAM GmbH TMD26721 Datasheet HTML 5Page - OSRAM GmbH TMD26721 Datasheet HTML 6Page - OSRAM GmbH TMD26721 Datasheet HTML 7Page - OSRAM GmbH TMD26721 Datasheet HTML 8Page - OSRAM GmbH TMD26721 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Detailed Description
A fully integrated proximity detection solution is provided with
an 850nm IR LED, LED driver circuit, and proximity detection
engine. An internal LED driver (LDR) pin, is externally connected
to the LED cathode (LEDK) to provide a controlled LED sink
current. This is accomplished with a proprietary current
calibration technique that accounts for all variances in silicon,
optics, package, and most important, IR LED output power. This
eliminates or greatly reduces the need for factory calibration
that is required for most discrete proximity sensor solutions.
The device is factory calibrated to achieve a proximity count
reading at a specified distance with a specific number of pulses.
In use, the number of proximity LED pulses can be programmed
from 1 to 255 pulses, which allows different proximity distances
to be achieved. Each pulse has a 16μs period, with a 7.2μs on
time.
The device provides a separate pin for level-style interrupts.
When interrupts are enabled and a pre-set value is exceeded,
the interrupt pin is asserted and remains asserted until cleared
by the controlling firmware. The interrupt feature simplifies and
improves system efficiency by eliminating the need to poll a
sensor for a proximity value. An interrupt is generated when the
value of a proximity conversion exceeds either an upper or
lower threshold. In addition, a programmable interrupt
persistence feature allows the user to determine how many
consecutive exceeded thresholds are necessary to trigger an
interrupt.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com