Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2725 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD2725
Description  ALS, and Small Aperture Proximity Sensor Module
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2725 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD2725 Datasheet HTML 17Page - OSRAM GmbH TMD2725 Datasheet HTML 18Page - OSRAM GmbH TMD2725 Datasheet HTML 19Page - OSRAM GmbH TMD2725 Datasheet HTML 20Page - OSRAM GmbH TMD2725 Datasheet HTML 21Page - OSRAM GmbH TMD2725 Datasheet HTML 22Page - OSRAM GmbH TMD2725 Datasheet HTML 23Page - OSRAM GmbH TMD2725 Datasheet HTML 24Page - OSRAM GmbH TMD2725 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-22
TMD2725 − Register Description
AILTH Register (Address 0x85)
Figure 24:
AILTH Register
The photopic channel is compared against low-going 16-bit
threshold value set by AILTL and AILTH.
The contents of the AILTH and AILTL registers are combined and
treated as a sixteen bit threshold value. If the value generated
by the photopic channel is below the AILTL/H threshold and the
APERS value is reached, the AINT bit is asserted. If AIEN is set,
then the INT pin will also assert.
When setting the 16-bit ALS threshold AILTL must be written
first, immediately follow by AILTH. Internally, the lower 8-bits
are buffered until the upper 8-bits are written. As the upper
8-bits are written both the high and low bytes are
simultaneously latched as a 16-bit value.
AIHTL Register (Address 0x86)
Figure 25:
AIHTL Register
The photopic channel is compared against high-going 16-bit
threshold value set by AIHTL and AIHTH.
The contents of the AIHTH and AIHTL registers are combined
and treated as a sixteen bit threshold value. If the value
generated by the photopic channel is above the AIHTL/H
threshold and the APERS value is reached, the AINT bit is
asserted. If AIEN is set, then the INT pin will also assert. When
setting the 16-bit ALS threshold AIHTL must be written first,
immediately follow by AIHTH. Internally, the lower 8-bits are
buffered until the upper 8-bits are written. As the upper 8-bits
are written both the high and low bytes are simultaneously
latched as a 16-bit value.
Addr: 0x85
AILTH
Bit
Bit Name
Default
Access
Bit Description
7:0
AILTH
0x00
RW
This register sets the high byte of the LOW ALS
threshold.
Addr: 0x86
AIHTL
Bit
Bit Name
Default
Access
Bit Description
7:0
AIHTL
0x00
RW
This register sets the low byte of the HIGH ALS
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com